PART |
Description |
Maker |
TSC80C51XXX-30AI ATXMEGA128A3-MHR TSC80C31-12MX/88 |
8-BIT, MROM, 30 MHz, MICROCONTROLLER, CQCC44 16-BIT, FLASH, 32 MHz, RISC MICROCONTROLLER, QCC64 8-BIT, 12 MHz, MICROCONTROLLER, UUC40 AVR32 32-Bit Microcontroller
|
TEMIC SEMICONDUCTORS Atmel Corp.
|
UPD78F9222 UPD78F9222MCR-5A4 UPD78F9222MCR-5A4-E1 |
20-pin 8-bit single-chip microcontroller 78K0S/KA1 30-pin 8-bit single-chip microcontroller(78K0/KB1 ) Flash memory version ROM: 32 KB, RAM: 1 KB 52-pin 8-bit single-chip microcontroller(78K0/KD1 ) 44-pin 8-bit single-chip microcontroller(78K0/KC1 ) 80-pin 8-bit single-chip microcontroller(78K0/KF1 ) 64-pin 8-bit single-chip microcontroller(78K0/KE1 ) 8-bit single-chip microcontroller for key-less transmitter
|
NEC
|
ATTINY167-ESSZ F180C31-40D TSC80C51TXXX-40CAD TS80 |
8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, PDSO20 8-BIT, 40 MHz, MICROCONTROLLER, PQFP44 8-BIT, MROM, 40 MHz, MICROCONTROLLER, PDIP40 8-BIT, 30 MHz, MICROCONTROLLER, PQFP44 8-BIT, 40 MHz, MICROCONTROLLER, CQCC44
|
ATMEL CORP TEMIC SEMICONDUCTORS
|
C513A-LM C511 C513A-RN C511A-RN C513A-HN C511-RN Q |
8-Bit CMOS Microcontroller 8-BIT, MROM, 12 MHz, MICROCONTROLLER, PQCC44 8-Bit CMOS Microcontroller 8-BIT, 12 MHz, MICROCONTROLLER, PQCC44 High Speed CMOS Logic Triple 3-Input NOR Gates 14-PDIP -55 to 125 8位CMOS微控制器
|
SIEMENS AG
|
78012F 78P0914 780001 780018Y 780024 780024Y 78003 |
Common to 78K/0 Series 8-bit CMOS single-chip microcontroller 52-pin 8-bit single-chip microcontroller(78K0/KD1) 78K/0 series 8-bit microcomputer with incorporated UART 78K/0 series multi-master IIC built-in 8-bit microcomputer 20-pin 8-bit single-chip microcontroller 8-bit controller with built-in IE/DCAN bus controller 78K/0 Series 8-bit single-chip microcontroller 44-pin 8-bit single-chip microcontroller(78K0/KC1) 8-bit DTS controller with OSD controller 8-bit DTS controller with onboard OSD controller 8-bit CMOS single-chip microcomputer 8-bit microcontroller with controller driver for automobile motors 8-bit single-chip microcontroller 78K/0 series 30-pin 8-bit single-chip microcontroller(78K0/KB1) 64-pin 8-bit single-chip microcontroller(78K0/KE1) 80-pin 8-bit single-chip microcontroller(78K0/KF1) VFD driver built-in 8-bit single-chip microcomputer 8-bit single-chip microcomputer with built-in VFD driver 8-bit micro-controller with built-in J1850(Class 2) controller 8-bit microcontroller with built-in control driver for automotive meter drive 8-bit SC microcomputer with integrated CAN controller
|
NEC[NEC]
|
MC68HC11K MC68HC11KXXX MC68HC11K1CFN2 MC68HC11K1CF |
8-BIT MICROCONTROLLER 8-BIT, MROM, 2 MHz, MICROCONTROLLER, PQCC84 8-BIT MICROCONTROLLER 8-BIT, MROM, 2 MHz, MICROCONTROLLER, PQFP80 8-BIT MICROCONTROLLER 8-BIT, MROM, 3 MHz, MICROCONTROLLER, PQFP80 8-BIT MICROCONTROLLER 8-BIT, MROM, 3 MHz, MICROCONTROLLER, PQCC84 Technical Summary 8-Bit Microcontroller 技术摘位微控制
|
Motorola Mobility Holdings, Inc. Electronic Theatre Controls, Inc. MOTOROLA INC
|
LPC2368FET100518 LPC2364FET100518 |
Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC, SOT926-1 (TFBGA100), Reel Dry Pack, SMD, 13" 32-BIT, FLASH, 72 MHz, RISC MICROCONTROLLER, PBGA100
|
NXP Semiconductors N.V.
|
SAB-C509-LM SAF-C509-L SAFC509-L SAF-C509-LM Q6712 |
8-Bit CMOS Microcontroller 8位CMOS微控制器 8-Bit CMOS Microcontroller 8-BIT, 16 MHz, MICROCONTROLLER, PQFP100 High Speed CMOS Logic Quad 2-Input Multiplexers with Non-Inverting 3-State Outputs 16-SOIC -55 to 125 DBMM25SN
|
Infineon Technologies A... SIEMENS AG Infineon Technologies AG
|
Z8PE003PZ010SG Z8PE003SZ010SG |
IC MICROCONTROLLER 1K 18-DIP 8-BIT, OTPROM, 10 MHz, MICROCONTROLLER, PDIP18 IC MICROCONTROLLER 1K 18-SOIC 8-BIT, OTPROM, 10 MHz, MICROCONTROLLER, PDSO18 1K ROM Z8 OTP Microcontroller(1K ROM Z8绯诲?涓?????绋?井?у??ī
|
ZiLOG, Inc.
|
TMP86PH06U TMP86PH06N |
CMOS 8 BIT MICROCONTROLLER 的CMOS 8位微控制 8-Bit Microcontroller TLCS-870 Family CMOS 8-Bit Microcontroller
|
Toshiba, Corp.
|
|